Part Number Hot Search : 
EH390 TXN20G 03597 1N6150 DF1501 RF109 0482223 SA130
Product Description
Full Text Search
 

To Download CEDM7001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CEDM7001 surface mount n-channel enhancement-mode silicon mosfet description: the central semiconductor CEDM7001 is an n-channel enhancement-mode field effect transistor, manufactured by the n-channel dmos process, designed for high speed pulsed amplifier and driver applications. this mosfet offers low r ds(on) and low theshold voltage. maximum ratings : (t a =25c) symbol units drain-source voltage v ds 20 v gate-source voltage v gs 10 v continuous drain current (steady state) i d 100 ma peak drain current (tp=10s) i dm 200 ma power dissipation p d 100 mw operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min typ max units i gssf v gs =10v, v ds =0 1.0 a i gssr v gs =10v, v ds =0 1.0 a i dss v ds =20v, v gs =0 1.0 a bv dss v gs =0, i d =100a 20 v v gs(th) v ds =v gs , i d =250a 0.6 0.9 v r ds(on) v gs =4.0v, i d =10ma 3.0 r ds(on) v gs =2.5v, i d =10ma 4.0 r ds(on) v gs =1.5v, i d =1.0ma 15 g fs v ds =10v, i d =100ma 100 ms c rss v ds =3.0v, v gs =0, f=1.0mhz 4.0 pf c iss v ds =3.0v, v gs =0, f=1.0mhz 9.0 pf c oss v ds =3.0v, v gs =0, f=1.0mhz 9.5 pf t on v dd =3.0v, v gs =2.5v, i d =10ma 50 ns t off v dd =3.0v, v gs =2.5v, i d =10ma 75 ns features: ? 100mw power dissipation ? 0.4mm low package profile ? low r ds(on) ? low threshold voltage ? logic level compatible ? small, tlp? 1x0.6mm, sot-883l leadless surface mount package applications: ? load/power switches ? dc/dc converters ? battery powered portable equipment marking code: h sot-883l case r6 (5-august 2010) www.centralsemi.com
CEDM7001 surface mount n-channel enhancement-mode silicon mosfet sot-883l case - mechanical outline lead code: 1) gate 2) source 3) drain marking code: h www.centralsemi.com r6 (5-august 2010)


▲Up To Search▲   

 
Price & Availability of CEDM7001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X